Part Number Hot Search : 
100S3 CPH6612 GDIAGRA 313010P 2N350 SMDB24 1N4699C 1A225
Product Description
Full Text Search
 

To Download MBR10120FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c467fp issued date : 2009.03.19 revised date : 2009.10.23 page no. : 1/4 MBR10120FP cystek product specification 10amp. schottky barrier rectifiers i f(av) 2 5a MBR10120FP v rrm 120v tj 175 c v f 0.68v features ? 175 operating junction temperature ? low v f and low i r type ? metal silicon junction, major carrier conduction ? 10a total (5a per diode leg) ? guardring for over voltage protection ? low power loss, high efficiency ? high surge capability ? insulating package, insulating voltage=2000v dc, capacitance=45pf ? high temperature soldering guaranteed : 260 /10s, 0.25?(6.35mm) from case ? for use in low voltage, high frequency inverters, free wheeling, and polarit y protection application ? rohs compliant package mechanical data ? case: jedec to-220fp molded plastic ? mounting position: any ? weight: 2.2 grams, 0.078 ounce approximately ? terminals: pure tin plated, lead-fre e, solderable per mil-std-750 method 2026 ? epoxy: ul 94v-0 rate flame retardant ? mounting torque : 5 in-lbs max equivalent circuit outline MBR10120FP to-220fp a k a
cystech electronics corp. spec. no. : c467fp issued date : 2009.03.19 revised date : 2009.10.23 page no. : 2/4 MBR10120FP cystek product specification maximum ratings and electrical ch aracteristics (per diode leg) ( rating at 25 c ambient temperature unless otherwise sp ecified. single phase, half wave, 60hz, resistive or inductive loa d. for capacitive load, derate current by 20%.) parameter symbol min. typ. max. units maximum recurrent peak reverse voltage v rrm 120 v maximum rms voltage v rms 84 v maximum dc blocking voltage v dc 120 v i f =5a, t c =25 0.92 i f =5a, t c =125 0.68 0.75 i f =10 a, t c =25 1.00 maximum instantaneous forward voltage at (note 1) i f =10a, t c =125 v f 0.85 v per diode 5 maximum average forward rectified current @ t c =142 per device i f(av) 10 a non-repetitive peak forward surge current @ 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 120 a peak repetitive reverse surge current , t j <175 (note 1 ) i rrm 2 a v r =120 v, t c =25 5 a maximum instantaneous reverse current at v r =120 v, t c =125 i r 5 ma voltage rate of change, (rated v r ) dv/dt 10,000 v/ s typical junction capacitance @ f=1mhz and applied 5v reverse voltage c j 81 pf esd susceptibility (note 2) 8000 v storage temperature range t stg -65 +175 operating junction temperature range t j -65 +175 notes : 1. 2.0 s pulse width, f=1.0khz 2. human body model, 1.5k in series with 100pf thermal data parameter symbol value unit maximum thermal resistance, junction-to-case r th,j-c 2.5 c/w lead temperature for soldering purpos es : 1/8? from case for 5seconds t l 260 c ordering information device package shipping marking MBR10120FP to-220fp (rohs compliant package) 50 pcs / tube, 40 tubes/box 10120
cystech electronics corp. spec. no. : c467fp issued date : 2009.03.19 revised date : 2009.10.23 page no. : 3/4 MBR10120FP cystek product specification characteristic curves forward current derating curve 0 1 2 3 4 5 6 0 25 50 75 100 125 150 175 case temperature---t c () average forward current---io(a) resistive or inductive load per leg forward current vs forward voltage 1 10 100 1000 10000 100000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 forward voltage---v f (v) instantaneous forward current---i f (ma) pulse width=300s, 1% duty cycle tj=25 tj=150 per leg reverse leakage current vs reverse voltage 0.01 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 160 reverse voltage---v r (v) reverse leakage current---i r (a) tj=75 t j =25 tj=125 per leg junction capacitance vs reverse voltage 10 100 1000 0.1 1 10 reverse voltage---v r (v) junction capacitance---c j (pf) tj=25, f=1.0mhz per leg
cystech electronics corp. spec. no. : c467fp issued date : 2009.03.19 revised date : 2009.10.23 page no. : 4/4 MBR10120FP cystek product specification to-220fp dimension *: typical style: pin 1.anode 2.cathode 3.anode 1 2 3 marking: a k a date code device name 3-lead to-220fp plastic package cystek package code: fp inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.3740 0.4134 9.50 10.50 e2 0.0984 0.1063 2.50 2.70 a1 *0.2756 *7.00 n1 0.0961 0.1039 2.44 2.64 b 0.6063 0.6299 15.40 16.00 n2 0.1921 0.2079 4.88 5.28 b1 0.2480 0.2717 6.30 6.90 p 0.0984 0.1142 2.50 2.90 b2 0.0984 0.1181 2.50 3.00 l 0.5276 0.5354 13.40 13.60 c 0.0138 0.0295 0.35 0.75 l1 0.1378 0.1772 3.50 4.50 d 0.0276 0.0354 0.70 0.90 i 0. 1181 0.1339 3.00 3.40 d1 0.0394 0.0551 1.00 1.40 t 0.0059 0.0138 0.15 0.35 e1 0.1693 0.1850 4.30 4.70 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: kfc ; tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MBR10120FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X